Part Number Hot Search : 
2SD25 74HC2 PCM1702 07590 NK60ZF DM901006 MK105 MA2C700A
Product Description
Full Text Search
 

To Download E-L4960 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? l4960 2.5a power switching regulator 2.5a output current 5.1v to 40v oputput voltage range precise ( 2%) on-chip reference high switching frequency very high efficiency (up to 90%) very few external components soft start internal limiting current thermal shutdown description the l4960 is a monolithic power switching regula- tor delivering 2.5a at a voltage variable from 5v to 40v in step down configuration. features of the device include current limiting, soft start, thermal protection and 0 to 100% duty cycle for continuous operation mode. june 2000 ordering numbers : l4960 (vertical) l4960h (horizontal) heptawatt block diagram the l4960 is mounted in a heptawatt plastic power package and requires very few external compo- nents. efficient operation at switching frequencies up to 150khz allows a reduction in the size and cost of external filter components. 1/16
pin connection (top view) 2/16 n name function 1 supply voltage unregulated voltage input. an internal regulator powers the internal logic. 2 feedback input the feedback terminal of the regulation loop. the output is connected directly to this terminal for 5.1v operation; it is connected via a divider for higher voltages. 3 frequency compensation a series rc network connected between this terminal and ground determines the regulation loop gain characteristics. 4 ground common ground terminal. 5 oscillator a parallel rc network connected to this terminal determines the switching frequency. 6 soft start soft start time constant. a capacitor is connected between this terminal and ground to define the soft start time constant. this capacitor also determines the average short circuit output current. 7 output regulator output. pin functions symbol parameter value unit v 1 input voltage 50 v v 1 - v 7 input to output voltage difference 50 v v 7 negative output dc voltage -1 v negative output peak voltage at t = 0.1 m s; f = 100khz -5 v v 3 , v 6 voltage at pin 3 and 6 5.5 v v 2 voltage at pin 2 7v i 3 pin 3 sink current 1 ma i 5 pin 5 source current 20 ma p tot power dissipation at t case 90 c15w t j , t stg junction and storage temperature -40 to 150 c absolute maximum ratings l4960
symbol parameter test conditions min. typ. max. unit dynamic characteristics v o output voltage range v i = 46v i o = 1a v ref 40 v v i input voltage range v o = v ref to 36v i o = 2.5a 9 46 v d v o line regulation v i = 10v to 40v v o = v ref i o = 1a 15 50 mv d v o load regulation v o = v ref i o = 0.5a to 2a 10 30 mv v ref internal reference voltage (pin 2) v i = 9v to 46v i o = 1a 5 5.1 5.2 v d v ref d t average temperature coefficient of refer voltage t j = 0 c to 125 c i o = 1a 0.4 mv/ c v d dropout voltage i o = 2a 1.4 3 v i om maximum operating load current v i = 9v to 46v v o = v ref to 36v 2.5 a i 7l current limiting threshold (pin 7) v i = 9v to 46v v o = v ref to 36v 3 4.5 a i sh input average current v i = 46v; output short-circuit 30 60 ma h efficiency f = 100khz v o = v ref 75 % i o = 2a v o = 12v 85 % svr supply voltage ripple rejection d v i = 2v rms fripple = 100hz v o = v ref io = 1a 50 56 db f switching frequency 85 100 115 khz d f d v i voltage stability of switching frequency v i = 9v to 46v 0.5 % d f d t j temperature stability of switching frequency t j = 0 c to 125 c 1 % f max maximum operating switching frequency v o = v ref i o = 2a 120 150 khz t sd thermal shutdown junction temperature 150 c electrical characteristics (refer to the test circuit, t j = 25 c, v i = 35v, unless otherwise specified) symbol parameter value unit r th j-case thermal resistance junction-case max 4 c/w r th j-amb thermal resistance junction-ambient max 50 c/w thermal data 3/16 l4960
4/16 symbol parameter test conditions min. typ. max. unit dc characteristics i 1q quiescent drain current 100% duty cycle pins 5 and 7 open v i = 46v 30 40 ma 0% duty cycle 15 20 ma -i 7l output leakage current 0% duty cycle 1 ma soft start i 6so source current 100 140 180 m a i 6si sink current 50 70 120 m a error amplifier v 3h high level output voltage v 2 = 4.7v i 3 = 100 m a 3.5 v v 3l low level output voltage v 2 = 5.3v i 3 = 100 m a 0.5v i 3si sink output current v 2 = 5.3v 100 150 m a -i 3so source output current v 2 = 4.7v 100 150 m a i 2 input bias current v 2 = 5.2v 2 10 m a g v dc open loop gain v 3 = 1v to 3v 46 55 db oscillator -i 5 oscillator source current 5 ma electrical characteristics (continued) l4960
circuit operation (refer to the block diagram) the l4960 is a monolithic stepdown switching regu- lator providing output voltages from 5.1v to 40v and delivering 2.5a. the regulation loop consists of a sawtooth oscilla- tor, error amplifier, comparator and the output stage. an error signal is produced by comparing the output voltage with a precise 5.1v on-chip refer- ence (zener zap trimmed to 2%). this error signal is then compared with the sawtooth signal to generate the fixed frequency pulse width modulated pulses which drive the output stage. the gain and frequency stability of the loop can be adjusted by an external rc network connected to pin 3. closing the loop directly gives an output voltage of 5.1v. higher voltages are obtained by inserting a voltage divider. output overcurrents at switch on are prevented by the soft start function. the error amplifier output is initially clamped by the external capacitor c ss and allowed to rise, linearly, as this capacitor is charged by a constant current source. output overload pro- tection is provided in the form of a current limiter. the load current is sensed by an internal metal resistor connected to a comparator. when the load current exceeds a preset threshold this comparator sets a flip flop which disables the output stage and discharges the soft start capacitor. a second com- parator resets the flip flop when the voltage across the soft start capacitor has fallen to 0.4v. the output stage is thus re-enabled and the output voltage rises under control of the soft start network. if the overload condition is still present the limiter will trigger again when the threshold current is reached. the average short circuit current is limited to a safe value by the dead time introduced by the soft start network. the thermal overload circuit dis- ables circuit operation when the junction tempera- ture reaches about 150 c and has hysteresis to prevent unstable conditions. figure 1. soft start waveforms figure 2. current limiter waveforms 5/16 l4960
6/16 figure 4. quiescent drain current vs. supply voltage (0% duty cycle) figure 5. quiescent drain current vs. supply voltage (100% duty cycle) figure 6. quiescent drain current vs. junction tem- perature (0% duty cycle) figure 3. test and application circuit c6, c7: ekr (roe) l1 = 150 m h at 5a (cogema 946042) core type: magnetics 58206-a2 mpp n turns 45, wire gauge: 0.8mm (20 awg) l4960
figure 7. quiescent drain current vs. junction tem- perature (100% duty cycle) figure 8. reference voltage (pin 2) vs. v i figure 9. reference voltage versus junction temperature (pin 2) figure 10. open loop fre- quency and phase responde of error amplifier figure 11. switching fre- quency vs. input voltage figure 12. switching fre- quency vs. junction tem- perature figure 13. switching fre- quency vs. r2 (see test circuit) figure 14. line transient response figure 15. load transient response 7/16 l4960
8/16 figure 16. supply voltage ripple rejection vs. frequency figure 17. dropout voltage between pin 1 and pin 7 vs. current at pin 7 figure 18. dropout voltage between pin 1 and 7 vs. junction temperature figure 19. power dissipation derating curve figure 20. efficiency vs. output current figure 21. efficiency vs. output current figure 22. efficiency vs. output current figure 23. efficiency vs. output voltage l4960
application information figure 24. typical application circuit c 1 , c 6 , c 7 : ekr (roe) d 1 : byw80 or 5a schottky diode suggested inductor: l 1 = 150 m h at 5a core type: magnetics 58206 - a2 - mpp n turns: 45, wire gauge: 0.8mm (20 awg), cogema 946042 u15/gup15: n turns: 60, wire gauge: 0.8mm (20 awg), air gap: 1mm, cogema 969051. figure 25. p.c. board and component layout of the fig. 24 (1 : 1 scale) resistor values for standard output voltages v o r3 r4 12v 15v 18v 24v 4.7k w 4.7k w 4.7k w 4.7k w 6.2k w 9.1k w 12k w 18k w 9/16 l4960
10/16 application information figure 26. a minimal 5.1v fixed regulator; very few component are required * cogema 946042 (toroid core) 969051 (u15 core) ** ekr (roe) figure 27. programmable power supply v o = 5.1v to 15v i o = 2.5a max load regulation (1a to 2a) = 10mv (v o = 5.1v) l4960
application information (continued) figure 28. microcomputer supply with + 5.1v, -5v, +12v and -12v outputs 11/16 l4960
12/16 application information (continued) figure 29. dc-dc converter 5.1v/4a, 12v/2.5a; a suggestion how to synchronize a negative output l1, l3 = cogema 946042 (969051) l2 = cogema 946044 (946045) d 1 , d 2 , d 3 = byw80 figure 30. - in multiple supplies several l4960s can be synchronized as shown l4960
application information (continued) figure 31. regulator for distributed supplies mounting instruction the power dissipated in the circuit must be removed by adding an external heatsink. thanks to the heptawatt package attaching the hetsink is very simple, a screw or a compression spring (clip) being sufficient. between the heatsink and the package it is better to insert a layer of silicon grease, to optimize the thermal contact, no electri- cal isolation is needed between the two surfaces. figure 32. mounting example 13/16 l4960
14/16 heptawatt v dim. mm inch min. typ. max. min. typ. max. a 4.8 0.189 c 1.37 0.054 d 2.4 2.8 0.094 0.110 d1 1.2 1.35 0.047 0.053 e 0.35 0.55 0.014 0.022 e1 0.7 0.97 0.028 0.038 f 0.6 0.8 0.024 0.031 f1 0.9 0.035 g 2.34 2.54 2.74 0.095 0.100 0.105 g1 4.88 5.08 5.28 0.193 0.200 0.205 g2 7.42 7.62 7.82 0.295 0.300 0.307 h2 10.4 0.409 h3 10.05 10.4 0.396 0.409 l 16.7 16.9 17.1 0.657 0.668 0.673 l1 14.92 0.587 l2 21.24 21.54 21.84 0.386 0.848 0.860 l3 22.27 22.52 22.77 0.877 0.891 0.896 l4 1.29 0.051 l5 2.6 2.8 3 0.102 0.110 0.118 l6 15.1 15.5 15.8 0.594 0.610 0.622 l7 6 6.35 6.6 0.236 0.250 0.260 l9 0.2 0.008 m 2.55 2.8 3.05 0.100 0.110 0.120 m1 4.83 5.08 5.33 0.190 0.200 0.210 v4 40? (typ.) dia 3.65 3.85 0.144 0.152 a l l1 c d1 l5 l2 l3 d e m1 m h3 dia. l7 l6 f1 h2 f gg1g2 e1 f e l9 v4 l4 h2 vv heptamec h1 outline and mechanical data l4960
heptawatt h dim. mm inch min. typ. max. min. typ. max. a 4.8 0.189 c 1.37 0.054 d 2.4 2.8 0.094 0.110 d1 1.2 1.35 0.047 0.053 e 0.35 0.55 0.014 0.022 f 0.6 0.8 0.024 0.031 f1 0.9 0.035 g 2.41 2.54 2.67 0.095 0.100 0.105 g1 4.91 5.08 5.21 0.193 0.200 0.205 g2 7.49 7.62 7.8 0.295 0.300 0.307 h2 10.4 0.409 h3 10.05 10.4 0.396 0.409 l 14.2 0.559 l1 4.4 0.173 l2 15.8 0.622 l3 5.1 0.201 l5 2.6 3 0.102 0.118 l6 15.1 15.8 0.594 0.622 l7 6 6.6 0.236 0.260 l9 4.44 0.175 dia 3.65 3.85 0.144 0.152 outline and mechanical data 15/16 l4960
information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the co nsequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specification mentioned in this publicatio n are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics product s are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectro nics. the st logo is a registered trademark of stmicroelectronics ? 2000 stmicroelectronics C printed in italy C all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - u.s.a. http://www.st.com 16/16 l4960


▲Up To Search▲   

 
Price & Availability of E-L4960

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X